PART |
Description |
Maker |
6559 6560 6559J 6372 |
Connector: Banana Connector: M: 2: THRU Male Mini-Connector
|
Pomona Electronics List of Unclassifed Manufacturers ETC 3M Electronics
|
PE4301 |
Banana Plug Connector Crimp/Solder Attachment For RG58
|
Pasternack Enterprises, Inc.
|
5951A |
Test Probe Set; Connector Type A:Replaceable-Tip Probe (1 Black/1 Red); Connector Type B:Right-Angle Banana Plug; Cable Length:4ft; Current Rating:5A; Features:2 Stainless Steel Sharp Replaceable Probe Tips RoHS Compliant: NA INTERCONNECTION DEVICE Test Probe Set Replaceable Tip
|
Pomona Electronics
|
6245-48-0 6245-48-2 |
Test Clip to Straight Sheathed Banana Plug Connector assemblies, IC clips Test; RoHS Compliant: Yes INTERCONNECTION DEVICE
|
Pomona Electronics
|
0009481094 A-41815-0009 09-48-1094 |
3.96mm (.156) Pitch KK? PC Board Connector, Right Angle, Polyester Connector, 5.0μm (200μ) Tin (Sn), 9 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0009481054 09-48-1054 |
3.96mm (.156) Pitch KK? PC Board Connector, Right Angle, Polyester Connector, 5.0μm (200μ) Tin (Sn), 5 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
51721-10012418AB 51721-10014011AALF 51721-10012016 |
514 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 571 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 496 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 416 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 339 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 323 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 412 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 393 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 329 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 409 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 370 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 434 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 466 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 594 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 310 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 550 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 340 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 317 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
|
0340620009 34062-0009 |
5.00mm (.197) Pitch MX150 Cable Sealed Female Connector, Single Row, 2Circuits, Polarization D, without Connector Position Assurance, Gray MOLEX Connector
|
Molex Electronics Ltd.
|
0340620015 34062-0015 |
5.00mm (.197) Pitch MX150 Cable Sealed Female Connector, Single Row, 2Circuits, Polarization A, with Connector Position Assurance, Black MOLEX Connector
|
Molex Electronics Ltd.
|
6387 |
Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
|
Pomona Electronics
|
15-06-0101 15-06-0180 15-06-0141 |
MiniFit BMI Rcpt/PanMnt V-0 10Ckt 10 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Connector Housing; No. of Contacts:18; Pitch Spacing:4.2mm; No. of Rows:2; Series:Mini-Fit BMI; Connector Body Material:Nylon; Contact Termination:Crimp 18 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header Connector,Cable Mnt,PLUG,14 Contacts,SKT,0.165 Pitch,HOLE .164-.189
|
Molex, Inc. MOLEX INC
|
0009521116 09-52-1116 A-2145-AA11B-102 |
3.96mm (.156) Pitch KK? PC Board Connector, Right Angle, Nylon Connector, 5.0μm (200μ) Tin (Sn), 11 Circuits 3.96mm (.156") Pitch KK庐 PC Board Connector, Right Angle, Nylon Connector, 5.0渭m (200渭") Tin (Sn), 11 Circuits 3.96mm (.156") Pitch KK垄莽 PC Board Connector, Right Angle, Nylon Connector, 5.0楼矛m (200楼矛") Tin (Sn), 11 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
|